| Electronic Components Datasheet Search |
|
7C Marking, MMBT2222A Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved |
|
||||||||||||||||||||||||||||||
MMBT2222A Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved |
|
4 / 8 page ![]() 2004 Jan 16 3 NXP Semiconductors Product data sheet NPN switching transistor MMBT2222A THERMAL CHARACTERISTICS Note 1. Transistor mounted on an FR4 printed-circuit board. CHARACTERISTICS Tj = 25 °C unless otherwise specified. Note 1. Pulse test: tp ≤ 300 µs; δ ≤ 0.02. SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-a) thermal resistance from junction to ambient note 1 500 K/W SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT ICBO collector cut-off current IE = 0; VCB = 60 V − 10 nA IE = 0; VCB = 60 V; Tj = 125 °C − 10 µA IEBO emitter cut-off current IC = 0; VEB = 5 V − 10 nA hFE DC current gain IC = 0.1 mA; VCE = 10 V 35 − IC = 1 mA; VCE = 10 V 50 − IC = 10 mA; VCE = 10 V 75 − IC = 10 mA; VCE = 10 V; Tamb = −55 °C 35 − IC = 150 mA; VCE = 10 V 100 300 IC = 150 mA; VCE = 1 V 50 − IC = 500 mA; VCE = 10 V 40 − VCEsat collector-emitter saturation voltage IC = 150 mA; IB = 15 mA; note 1 − 300 mV IC = 500 mA; IB = 50 mA; note 1 − 1 V VBEsat base-emitter saturation voltage IC = 150 mA; IB = 15 mA; note 1 0.6 1.2 V IC = 500 mA; IB = 50 mA; note 1 − 2 V Cc collector capacitance IE = ie = 0; VCB = 10 V; f = 1 MHz − 8 pF Ce emitter capacitance IC = ic = 0; VEB = 500 mV; f = 1 MHz − 25 pF fT transition frequency IC = 20 mA; VCE = 20 V; f = 100 MHz 300 − MHz F noise figure IC = 100 µA; VCE = 5 V; RS = 1 kΩ; f = 1 kHz − 4 dB Switching times (between 10% and 90% levels); (see Fig.2) ton turn-on time ICon = 150 mA; IBon = 15 mA; IBoff = −15 mA − 35 ns td delay time − 15 ns tr rise time − 20 ns toff turn-off time − 250 ns ts storage time − 200 ns tf fall time − 60 ns |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |