| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 12 page ![]() 1999 Jul 23 8 Philips Semiconductors Product specification Silicon MMIC amplifier BGA2003 handbook, full pagewidth MGS549 0 0.2 0.6 0.4 0.8 1.0 1.0 +5 +2 +1 +0.5 +0.2 0 −0.2 −0.5 −1 −2 −5 0.2 0.5 1 2 5 180 ° −135 ° −90 ° −45 ° 0 ° 45 ° 90 ° 135 ° 100 MHz 200 MHz 500 MHz 1 GHz 2 GHz 3 GHz Fig.15 Common emitter input reflection coefficient (s11); typical values. VVS-OUT = 2.5 V; IVS-OUT = 10 mA; Zo =50 Ω. handbook, full pagewidth MGS550 20 16 12 8 4 180 ° −135 ° −90 ° −45 ° 0 ° 45 ° 90 ° 135 ° 100 MHz 200 MHz 500 MHz 900 MHz 1 GHz 1.8 GHz 3 GHz Fig.16 Common emitter forward transmission coefficient (s21); typical values. VVS-OUT = 2.5 V; IVS-OUT = 10 mA; Zo =50 Ω. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |