| Electronic Components Datasheet Search |
|
CD4053M Marking, CD4053BM Datasheet(PDF) 13 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
CD4053BM Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 48 page ![]() 6.7 Electrical Characteristics – CDIP, PDIP, SOIC and SOP Packages (continued) Over operating free-air temperature range, VSUPPLY = ±5 V, and RL = 100 Ω, (unless otherwise noted)(1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIS (V) VEE (V) VSS (V) VDD (V) TEMP CONTROL (ADDRESS OR INHIBIT), VC - CDIP, PDIP, SOIC and SOP Packages Input Low Voltage, VIL, Max 5 V –55°C 1.5 V –40°C 1.5 25°C 1.5 85°C 1.5 125°C 1.5 10 V –55°C 3 –40°C 3 25°C 3 85°C 3 125°C 3 15 V –55°C 4 –40°C 4 25°C 4 85°C 4 125°C 4 Input High Voltage, VIH, Min 5 V –55°C 3.5 V –40°C 3.5 25°C 3.5 85°C 3.5 125°C 3.5 10 V –55°C 7 –40°C 7 25°C 7 85°C 7 125°C 7 15 V –55°C 11 –40°C 11 25°C 11 85°C 11 125°C 11 Input current, IIN (Max) VIN = 0, 18 18 V –55°C ± 0.1 µA –40°C ± 0.1 25°C ±10- 5 ± 0.1 85°C ± 1 125°C ± 1 Propagation Delay Time Address-to-Signal OUT (Channels ON or OFF) (See Figure 7-2 Figure 7-3, and Figure 7-8) tr , tf = 20ns, CL = 50 pF, RL = 10 kΩ 0 V 0 V 5 V 450 720 ns 0 V 0 V 10 V 160 320 0 V 0 V 15 V 120 240 –5 V 0 V 5 V 225 450 www.ti.com CD4051B, CD4052B, CD4053B SCHS047K – AUGUST 1998 – REVISED MARCH 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: CD4051B CD4052B CD4053B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |