| Electronic Components Datasheet Search |
|
M05 Marking, ESD05V23TS-2A Datasheet(PDF) 2 Page - UN Semiconducctor INC |
|
||||||||||||||||||||||||||||||
ESD05V23TS-2A Datasheet(HTML) 2 Page - UN Semiconducctor INC |
|
2 / 4 page ![]() Characteristic Curves Fig2. Power Rating Derating Curve ROHS Revision March 1,2022 www.unsemi.com.tw For technical questions, contact: tech@unsemi.com.tw ROHS Electrical Characteristics @ 25℃ Unless Otherwise Specified ) Specifications are subject to change without notice. Please refer to www.unsemi.com.tw for current information. 2/3 ESDXXV23TS-2A Series Transient Voltage Suppressors for ESD Protection Fig3. ESD Pulse Waveform(according to IEC61000-4-2) 100% 90% 10% tr 30ns = Time 60ns Fig1. 8/20μs Pulse Waveform 0 5 10 15 20 25 30 120 tr 100 80 60 40 Peak Value IPP 20 0 td=t IPP/2 TEST WAVEFORM PARAMETERS tr=8μs td=20μs t - Time (μs) ESD3.3V23TS-2A ESD05V23TS-2A ESD08V23TS-2A ESD12V23TS-2A ESD15V23TS-2A ESD18V23TS-2A ESD24V23TS-2A ESD36V23TS-2A M03 M05 M08 M12 M15 M18 M24 M36 3.3 5.0 7.0 12.0 15.0 18.0 24.0 36.0 3.8 6.0 8.0 13.3 16.7 19.0 26.7 40.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 7.5 9.8 13.4 20 25 30 45 65 100 1 1 1 1 1 1 1 16 17 20 30 36 40 50 75 25 24 18 13 11 8 7 6 200 150 100 50 45 42 40 25 Part Number Device Marking VRMW (V) (Max.) VBR (V) (Min.) IR (uA) (Max.) C (pF) (Typ.) IT (mA) VC @1A (Max.) (Max.) (@A) VC 0 20 40 60 80 100 120 140 160 180 200 100 40 30 20 10 0 90 80 60 50 Ambient Temperature – TA (ºC) 70 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |