| Electronic Components Datasheet Search |
|
J6 Marking, S9014 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
||||||||||||||||||||||||||||||
S9014 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
1 / 3 page ![]() S9014 TRANSISTOR (NPN) FEATURES Complementary to S9015 MARKING: J6 MAXIMUM RATINGS (Ta=25 ℃ unless otherwise noted) Symbol Parameter Value Unit VCBO Collector-Base Voltage 50 V VCEO Collector-Emitter Voltage 45 V VEBO Emitter-Base Voltage 5 V IC Collector Current -Continuous 0.1 A PC Collector Power Dissipation 0.2 W Tj Junction Temperature 150 ℃ Tstg Storage Temperature -55-150 ℃ ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified) Parameter Symbol Test conditions Min Typ Max Unit Collector-base breakdown voltage V(BR)CBO IC= 100μA, IE=0 50 V Collector-emitter breakdown voltage V(BR)CEO IC= 0.1mA, IB=0 45 V Emitter-base breakdown voltage V(BR)EBO IE=100μA, IC=0 5 V Collector cut-off current ICBO VCB=50 V , IE=0 0.1 μA Collector cut-off current ICEO VCE=35V , IB=0 0.1 μA Emitter cut-off current IEBO VEB= 3V , IC=0 0.1 μA DC current gain hFE VCE=5V, IC= 1mA 200 1000 Collector-emitter saturation voltage VCE(sat) IC=100 mA, IB= 5mA 0.3 V Base-emitter saturation voltage VBE(sat) IC=100 mA, IB= 5mA 1 V Transition frequency fT VCE=5V, IC= 10mA f=30MHz 150 MHz CLASSIFICATION OF hFE Rank L H Range 200-450 450-1000 SOT-23 Plastic-Encapsulate Transistors UMW R UMW S9014 SOT-23 1. BASE 2. EMITTER 3. COLLECTOR 1 www.umw-ic.com 友台半导体有限公司 |
Similar Description - S9014 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |