| Electronic Components Datasheet Search |
|
HT8KB5 Marking, HT8KB5 Datasheet(PDF) 3 Page - Rohm |
|
||||||||||||||||||||||||||||||
HT8KB5 Datasheet(HTML) 3 Page - Rohm |
|
3 / 14 page ![]() HT8KB5 Datasheet l lElectrical characteristics (Ta = 25°C) <Tr1 and Tr2> Parameter Symbol Conditions Values Unit Min. Typ. Max. Input capacitance Ciss VGS = 0V - 150 - pF Output capacitance Coss VDS = 20V - 85 - Reverse transfer capacitance Crss f = 1MHz - 10 - Turn - on delay time td(on)*5 VDD ⋍ 20V,VGS = 10V - 5.0 - ns Rise time tr*5 ID = 2.5A - 4.7 - Turn - off delay time td(off)*5 RL = 8.0Ω - 11.0 - Fall time tf*5 RG = 10Ω - 2.7 - l lGate charge characteristics (Ta = 25°C) <Tr1 and Tr2> Parameter Symbol Conditions Values Unit Min. Typ. Max. Total gate charge Qg*5 VDD ⋍ 20V ID = 5.0A VGS = 10V - 3.5 - nC VGS = 4.5V - 1.8 - Gate - Source charge Qgs*5 - 1.1 - Gate - Drain charge Qgd*5 - 0.3 - l lBody diode electrical characteristics (Source-Drain) (Ta = 25°C) <Tr1 and Tr2> Parameter Symbol Conditions Values Unit Min. Typ. Max. Continuous forward current IS Ta = 25℃ - - 1.67 A Pulse forward current ISP*2 - - 20 Forward voltage VSD*5 VGS = 0V, IS = 1.67A - - 1.2 V Reverse recovery time trr*5 IS = 5.0A, VGS = 0V di/dt = 100A/μs - 18 - ns Reverse recovery charge Qrr*5 - 11 - nC www.rohm.com © 2023 ROHM Co., Ltd. All rights reserved. 3/11 20230302 - Rev.002 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |