Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

HT8KE5 Marking, HT8KE5 Datasheet(PDF) 2 Page - Rohm

Part # HT8KE5
Description  100V NchNch Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HT8KE5 Datasheet(HTML) 2 Page - Rohm

  HT8KE5 Datasheet HTML 1Page - Rohm HT8KE5 Datasheet HTML 2Page - Rohm HT8KE5 Datasheet HTML 3Page - Rohm HT8KE5 Datasheet HTML 4Page - Rohm HT8KE5 Datasheet HTML 5Page - Rohm HT8KE5 Datasheet HTML 6Page - Rohm HT8KE5 Datasheet HTML 7Page - Rohm HT8KE5 Datasheet HTML 8Page - Rohm HT8KE5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HT8KE5
Datasheet
l
lThermal resistance
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - case
RthJC*1
-
-
9,4
℃/W
Thermal resistance, junction - ambient
RthJA*4
-
-
62.5
℃/W
l
lElectrical characteristics (Ta = 25°C) <Tr1 and Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = 1mA
100
-
-
V
Breakdown voltage
temperature coefficient
ΔV(BR)DSS ID = 1mA
-
67
-
mV/℃
ΔTj
referenced to 25℃
Zero gate voltage
drain current
IDSS
VDS = 100V, VGS = 0V
-
-
1
μA
Gate - Source
leakage current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Gate threshold
voltage
VGS(th)
VDS = VGS, ID = 1mA
1.0
-
2.5
V
Gate threshold voltage
temperature coefficient
ΔV
GS(th)
ID = 1mA
-
-4.0
-
mV/℃
ΔTj
referenced to 25℃
Static drain - source
on - state resistance
RDS(on)*5
VGS = 10V, ID = 2.5A
-
148
193
mΩ
VGS = 4.5V, ID = 2.5A
-
200
300
Gate resistance
RG
-
-
2.6
-
Ω
Forward Transfer
Admittance
|Yfs|*5
VDS = 5V, ID = 2.5A
1.6
-
-
S
*1 Tc = 25℃, Limited only by maximum temperature allowed.
*2 Pw ≤ 10μs, Duty cycle ≤ 1%
*3 L ⋍ 0.1mH, VDD = 50V, RG = 25Ω, Starting Tj = 25℃ Fig.3-1,3-2
*4 Mounted on a Cu board (40×40×0.8mm)
*5 Pulsed
www.rohm.com
© 2023 ROHM Co., Ltd. All rights reserved.
2/11
20230302 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com