| Electronic Components Datasheet Search |
|
HT8KE6 Marking, HT8KE6 Datasheet(PDF) 2 Page - Rohm |
|
||||||||||||||||||||||||||||||
HT8KE6 Datasheet(HTML) 2 Page - Rohm |
|
2 / 14 page ![]() HT8KE6 Datasheet l lThermal resistance Parameter Symbol Values Unit Min. Typ. Max. Thermal resistance, junction - case RthJC*1 - - 8.7 ℃/W Thermal resistance, junction - ambient RthJA*4 - - 62.5 ℃/W l lElectrical characteristics (Ta = 25°C) <Tr1 and Tr2> Parameter Symbol Conditions Values Unit Min. Typ. Max. Drain - Source breakdown voltage V(BR)DSS VGS = 0V, ID = 1mA 100 - - V Breakdown voltage temperature coefficient ΔV(BR)DSS ID = 1mA - 67 - mV/℃ ΔTj referenced to 25℃ Zero gate voltage drain current IDSS VDS = 100V, VGS = 0V - - 1 μA Gate - Source leakage current IGSS VGS = ±20V, VDS = 0V - - ±100 nA Gate threshold voltage VGS(th) VDS = VGS, ID = 1mA 1.0 - 2.5 V Gate threshold voltage temperature coefficient ΔV GS(th) ID = 1mA - -4.0 - mV/℃ ΔTj referenced to 25℃ Static drain - source on - state resistance RDS(on)*5 VGS = 10V, ID = 4.5A - 44 57 mΩ VGS = 4.5V, ID = 4.5A - 56 83 Gate resistance RG - - 2.2 - Ω Forward Transfer Admittance |Yfs|*5 VDS = 5V, ID = 4.5A 3.8 - - S *1 Tc = 25℃, Limited only by maximum temperature allowed. *2 Pw ≤ 10μs, Duty cycle ≤ 1% *3 L ⋍ 0.1mH, VDD = 50V, RG = 25Ω, Starting Tj = 25℃ Fig.3-1,3-2 *4 Mounted on a Cu board (40×40×0.8mm) *5 Pulsed www.rohm.com © 2023 ROHM Co., Ltd. All rights reserved. 2/11 20230328 - Rev.001 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |