| Electronic Components Datasheet Search |
|
L44 Marking, BAT54S Datasheet(PDF) 1 Page - Won-Top Electronics |
|
||||||||||||||||||||||||||||||
BAT54S Datasheet(HTML) 1 Page - Won-Top Electronics |
|
1 / 4 page ![]() BAT54 / A / C / S 1 of 4 © 2006 Won-Top Electronics Pb BAT54 / A / C / S SURFACE MOUNT SCHOTTKY BARRIER DIODE Features ! Low Turn-on Voltage L ! Fast Switching A ! PN Junction Guard Ring for Transient and ESD Protection ! Designed for Surface Mount Application B C ! Plastic Material – UL Recognition Flammability Classification 94V-O M E D H Mechanical Data ! Case: SOT-23, Molded Plastic K ! Terminals: Plated Leads Solderable per J MIL-STD-202, Method 208 G ! Polarity: See Diagrams Below ! Weight: 0.008 grams (approx.) ! Mounting Position: Any ! Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 4 TOP VIEW TOP VIEW TOP VIEW TOP VIEW BAT54 Marking: L4 BAT54A Marking: L42 BAT54C Marking: L43 BAT54S Marking: L44 Maximum Ratings and Electrical Characteristics, Single Diode @T A=25°C unless otherwise specified Characteristic Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 30 V Forward Continuous Current (Note 1) IF 200 mA Repetitive Peak Forward Current (Note 1) IFRM 300 mA Forward Surge Current (Note 1) @ t < 1.0s IFSM 600 mA Power Dissipation (Note 1) Pd 200 mW Typical Thermal Resistance, Junction to Ambient Air (Note 1) RJA 500 K/W Operating and Storage Temperature Range Tj, TSTG -65 to +125 °C Note: 1. Device on fiberglass substrate. WTE POWER SEMICONDUCTORS SOT-23 Dim Min Max A 0.37 0.51 B 1.19 1.40 C 2.10 2.50 D 0.89 1.05 E 0.45 0.61 G 1.78 2.05 H 2.65 3.05 J 0.013 0.15 K 0.89 1.10 L 0.45 0.61 M 0.076 0.178 All Dimensions in mm |
Similar Description - BAT54S |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |