| Electronic Components Datasheet Search |
|
LTHCX Marking, LTC2064HMS8PBF Datasheet(PDF) 3 Page - Analog Devices |
|
||||||||||||||||||||||||||||||
LTC2064HMS8PBF Datasheet(HTML) 3 Page - Analog Devices |
|
3 / 32 page ![]() LTC2063/LTC2064/LTC2065 3 Rev. C For more information www.analog.com ORDER INFORMATION ELECTRICAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage (Note 6) VS = 1.7V l 1 ±5 ±10 μV μV ΔVOS/ΔT Input Offset Voltage Drift (Note 6) –40°C to 85°C –40°C to 125°C l l ±0.03 ±0.06 μV/°C µV/°C IB Input Bias Current (Note 7) 0.5 pA IOS Input Offset Current (Note 7) 1 pA in Input Noise Current Spectral Density f ≤ 100Hz 12 fA/√Hz en Input Noise Voltage Spectral Density f ≤ 100Hz 230 nV/√Hz en P-P Input Noise Voltage DC to 10Hz 4.8 μVP–P CIN Input Capacitance Differential Common Mode 3.3 3.5 pF pF VCMR Input Voltage Range Guaranteed by CMRR l (V–) – 0.1 (V+) + 0.1 V CMRR Common Mode Rejection Ratio (Note 8) VCM = (V–) – 0.1V to (V+) + 0.1V RL = 499k l 103 100 130 dB dB PSRR Power Supply Rejection Ratio VS = 1.7V to 5.25V RL = 499k l 108 106 126 dB dB AVOL Open Loop Gain VOUT = (V–) + 0.1V to (V+) – 0.1V, RL = 499k 135 dB VOL Output Voltage Swing Low (VOUT – V–) RL = 499k 0.05 mV RL = 10k l 3 10 20 mV mV VOH Output Voltage Swing High (V+ – VOUT) RL = 499k 0.1 mV RL = 10k l 4.5 10 50 mV mV ISC Output Short Circuit Current Sourcing l 5.8 5.6 7.5 mA mA Sinking l 10.4 5 13 mA mA The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VS = 1.8V, VCM = VOUT = VS/2, VSHDN = 1.8V, RL to VS/2. LEAD FREE FINISH TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION TEMPERATURE RANGE LTC2065IUD#PBF LTC2065IUD#TRPBF LHKT 16-Lead (3mm × 3mm) Plastic QFN –40°C to 85°C LTC2065HUD#PBF LTC2065HUD#TRPBF LHKT 16-Lead (3mm × 3mm) Plastic QFN –40°C to 125°C LTC2065IF#PBF LTC2065IF#TRPBF LTC2065 14-Lead TSSOP –40°C to 85°C LTC2065HF#PBF LTC2065HF#TRPBF LTC2065 14-Lead TSSOP –40°C to 125°C Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Parts ending with PBF are RoHS and WEEE compliant. Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |