| Electronic Components Datasheet Search |
|
LTHCZ Marking, LTC2066HS5TRMPBF Datasheet(PDF) 21 Page - Analog Devices |
|
||||||||||||||||||||||||||||||
LTC2066HS5TRMPBF Datasheet(HTML) 21 Page - Analog Devices |
|
21 / 30 page ![]() LTC2066/LTC2067/LTC2068 21 Rev. B For more information www.analog.com APPLICATIONS INFORMATION 90V High Side Current Sense This micropower precision LTC2066 high side current sense circuit measures currents from 100μA to 250mA over a 4.5V to 90V input voltage range. The output of this circuit is: VOUT = ROUT •RSENSE RIN ISENSE = 10 •ISENSE The LTC2066’s low typical input offset voltage of 1μV and low input bias current of 5pA contribute output errors that are much smaller than the error due to precision limitations of the resistors used. Thus, output accuracy is mainly set by the accuracy of the resistors RSENSE, RIN, and ROUT. R1 helps cancel out parasitic Seebeck effect voltages at –IN by balancing with an identical voltage at +IN. The LT1389-4.096 reference, along with the bootstrap circuit composed of M2, R3, and D1, establishes a very low power isolated 3V rail that protects the LTC2066 from reaching its absolute maximum voltage of 5.5V while allowing for much higher input voltages. Since the LTC2066’s gain-bandwidth product is 100kHz, it is recommended to use this circuit to measure currents that do not change faster than 10kHz. Note that the output filter as drawn will limit the frequency to 1.5Hz, which optimizes for lowest noise. If this output filter bandwidth is too narrow, removing C4 leads to an output filter with 318Hz bandwidth, created by C3 and ROUT. VOUT = 10 • ISENSE 1mV TO 2.5V VIN 4.5V TO 90V 2066 F11 R1 49.9 0.1% D1 1N4148 REF LT1389-4.096 C1 3.3µF R3 499k RSENSE 0.1 ROUT 4.99k 0.1% C4 22µF C3 100nF BSP322P M1 RIN 49.9 0.1% C2 10µF BSP322P M2 ISENSE 100µA to 250mA LOAD LTC2066 Figure 11. High Side Current Sense |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |