| Electronic Components Datasheet Search |
|
J3Y Marking, S8050 Datasheet(PDF) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. |
|
||||||||||||||||||||||||||||||
S8050 Datasheet(HTML) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. |
|
2 / 4 page ![]() Production specification Silicon Epitaxial Planar Transistor S8050 C079 www.gmesemi.com Rev.A 2 ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO IC=100μA,IE=0 40 V Collector-emitter breakdown voltage V(BR)CEO IC=0.1mA,IB=0 25 V Emitter-base breakdown voltage V(BR)EBO IE=100μA,IC=0 5 V Collector cut-off current ICBO VCB=40V,IE=0 0.1 μA Collector cut-off current ICEO VCE=20V,IB=0 0.1 μA Emitter cut-off current IEBO VEB=5V,IC=0 0.1 μA DC current gain hFE VCE=1V,IC=50mA VCE=1V,IC=500mA 120 50 350 Collector-emitter saturation voltage VCE(sat) IC=500mA, IB= 50mA 0.6 V Base-emitter saturation voltage VBE(sat) IC=500mA, IB= 50mA 1.2 V Transition frequency fT VCE=6V, IC= 20mA f=30MHz 150 MHz CLASSIFICATION OF hFE(1) Rank L H Range 120-200 200-350 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |