| Electronic Components Datasheet Search |
|
702 Marking, 2N7002DW Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
||||||||||||||||||||||||||||||
2N7002DW Datasheet(HTML) 1 Page - Pan Jit International Inc. |
|
1 / 5 page ![]() PAGE . 1 STAD-JAN.09.2007 2N7002DW FEATURES • R DS(ON), VGS@10V,IDS@500mA=3Ω • R DS(ON), VGS@4.5V,IDS@75mA=4Ω • Advanced Trench Process Technology • High Density Cell Design For Ultra Low On-Resistance • Specially Designed for Battery Operated Systems, Solid-State Relays Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc. • Component are in compliance with EU RoHS 2002/95/EC directives MECHANICALDATA • Case: SOT-363 Package • Terminals : Solderable per MIL-STD-750,Method 2026 • Marking : 702 60V N-Channel Enhancement Mode MOSFET Maximum RATINGS and Thermal Characteristics (T A=25 OC unless otherwise noted ) Note: 1. Maximum DC current limited by the package 2. Surface mounted on FR4 board, t < 10 sec PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE R E T E M A R A Pl o b m y St i m i Ls t i n U e g a t l o V e c r u o S - n i a r D V S D 0 6V e g a t l o V e c r u o S - e t a G V S G + 0 2V t n e r r u C n i a r D s u o u n i t n o C I D 5 1 1A m t n e r r u C n i a r D d e s l u P ) 1 I M D 0 0 8A m n o i t a p i s s i D r e w o P m u m i x a M T A 5 2 = O C T A 5 7 = O C P D 0 0 2 0 2 1 W m e g n a R e r u t a r e p m e T e g a r o t S d n a n o i t c n u J g n i t a r e p O T J T , G T S 0 5 1 + o t 5 5 - O C ) d e t n u o m B C P ( e c n a t s i s e R l a m r e h T t n e i b m A o t - n o i t c n u J 2 R θ A J 5 2 6 O W / C |
Similar Description - 2N7002DW |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |