Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

HT8MC5 Marking, HT8MC5 Datasheet(PDF) 1 Page - Rohm

Part # HT8MC5
Description  60V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HT8MC5 Datasheet(HTML) 1 Page - Rohm

  HT8MC5 Datasheet HTML 1Page - Rohm HT8MC5 Datasheet HTML 2Page - Rohm HT8MC5 Datasheet HTML 3Page - Rohm HT8MC5 Datasheet HTML 4Page - Rohm HT8MC5 Datasheet HTML 5Page - Rohm HT8MC5 Datasheet HTML 6Page - Rohm HT8MC5 Datasheet HTML 7Page - Rohm HT8MC5 Datasheet HTML 8Page - Rohm HT8MC5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
HT8MC5
60V Nch+Pch Power MOSFET
Datasheet
l
lOutline
Symbol
Tr1:Nch Tr2:Pch
VDSS
60V
-60V
RDS(on)(Max.)
90mΩ
97mΩ
HSMT8
ID
±10A
±11.5A
PD
13W
l
lFeatures
l
lInner circuit
1) Low on - resistance
2) High Power small mold Package (HSMT8)
3) Pb-free plating ; RoHS compliant
4) Halogen Free
5) 100%Rg and UIS tested
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
330
Switching
Tape width (mm)
12
Motor drives
Quantity (pcs)
3000
Taping code
TB1
Marking
HT8MC5
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Tr1:Nch Tr2:Pch
Drain - Source voltage
VDSS
60
-60
V
Continuous drain current
Tc = 25°C
ID*1
±10
±11.5
A
Ta = 25°C
ID
±3.5
±4.0
A
Pulsed drain current
IDP*2
±14
±16
A
Gate - Source voltage
VGSS
±20
±20
V
Avalanche current, single pulse
IAS*3
3.5
-4.0
A
Avalanche energy, single pulse
EAS*3
1.0
1.2
mJ
Power dissipation (total)
PD*1
13
W
PD*4
2.0
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
1/19
20241226 - Rev.002


Similar Description - HT8MC5

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8J31 ROHM-SH8J31 Datasheet
2Mb / 14P
-60V Pch Pch Middle Power MOSFET
SH8M31 ROHM-SH8M31 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
SH8JC5 ROHM-SH8JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
SH8KC7 ROHM-SH8KC7 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
SH8MC5 ROHM-SH8MC5 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
SP8M31HZG ROHM-SP8M31HZG Datasheet
4Mb / 22P
60V NchPch Power MOSFET
QH8MC5 ROHM-QH8MC5 Datasheet
4Mb / 22P
60V NchPch Small Signal MOSFET
UT6JC5 ROHM-UT6JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
UT6MC5 ROHM-UT6MC5 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
20230126 - Rev.002
HP8MC5 ROHM-HP8MC5 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
20230427 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22