| Electronic Components Datasheet Search |
|
A19T Marking, RM3401 Datasheet(PDF) 2 Page - Rectron Semiconductor |
|
||||||||||||||||||||||||||||||
RM3401 Datasheet(HTML) 2 Page - Rectron Semiconductor |
|
2 / 8 page ![]() Zero Gate Voltage Drain Current IDSS VDS=-24V,VGS=0V - - -1 A Gate-Body Leakage Current IGSS VGS=±10V,VDS=0V - - ±100 nA On Characteristics (Note 3) Gate Threshold Voltage VGS(th) VDS=VGS,ID=-250A -0.7 -1 -1.3 V VGS=-10V, ID=-4.2A - 47 55 m VGS=-4.5V, ID=-4A - 56 75 m Drain-Source On-State Resistance RDS(ON) VGS=-2.5V, ID=-1A 72 130 m Forward Transconductance gFS VDS=-5V,ID=-4.2A - 10 - S Dynamic Characteristics (Note4) Input Capacitance Clss - 880 - PF Output Capacitance Coss - 105 - PF Reverse Transfer Capacitance Crss VDS=-15V,VGS=0V, F=1.0MHz - 65 - PF Switching Characteristics (Note 4) Turn-on Delay Time td(on) - 7 - nS Turn-on Rise Time tr - 3 - nS Turn-Off Delay Time td(off) - 30 - nS Turn-Off Fall Time tf VDD=-15V,ID=-4.2A VGS=-10V,RGEN=6 - 12 - nS Total Gate Charge Qg - 8.5 - nC Gate-Source Charge Qgs - 1.8 - nC Gate-Drain Charge Qgd VDS=-15V,ID=-4.2A,VGS=-4.5V - 2.7 - nC Drain-Source Diode Characteristics Diode Forward Voltage (Note 3) VSD VGS=0V,IS=-4.2A - - -1.2 V Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature. 2. Surface Mounted on FR4 Board, t 10 sec. 3. Pulse Test: Pulse Width 300 s, Duty Cycle 2%. 4. Guaranteed by design, not subject to production |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |