| Electronic Components Datasheet Search |
|
CD4511BE Marking, CD4511BEE4 Datasheet(PDF) 6 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
CD4511BEE4 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 20 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) CD4511BE Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4511BE CD4511BE.A Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4511BE CD4511BEE4 Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4511BE CD4511BF Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4511BF CD4511BF.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4511BF CD4511BF3A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4511BF3A CD4511BF3A.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4511BF3A CD4511BNSR Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CD4511B CD4511BNSR.A Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CD4511B CD4511BNSRG4 Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CD4511B CD4511BPW Obsolete Production TSSOP (PW) | 16 - - Call TI Call TI -55 to 125 CM511B CD4511BPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CM511B CD4511BPWR.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CM511B (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. (5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown. Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board. (6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part. Addendum-Page 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |