| Electronic Components Datasheet Search |
|
CD4516BF Marking, CD4516BF Datasheet(PDF) 7 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
CD4516BF Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 21 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) CD4510BE Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4510BE CD4510BE.A Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4510BE CD4510BNSR Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CD4510B CD4510BNSR.A Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CD4510B CD4510BPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CM510B CD4510BPWR.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CM510B CD4516BE Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4516BE CD4516BE.A Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4516BE CD4516BEE4 Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 CD4516BE CD4516BF Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4516BF CD4516BF.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4516BF CD4516BF3A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4516BF3A CD4516BF3A.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 CD4516BF3A CD4516BNSR Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CD4516B CD4516BNSR.A Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CD4516B CD4516BPW Obsolete Production TSSOP (PW) | 16 - - Call TI Call TI -55 to 125 CM516B CD4516BPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CM516B CD4516BPWR.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 CM516B (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |