| Electronic Components Datasheet Search |
|
A09T Marking, AP3400AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS |
|
||||||||||||||||||||||||||||||
AP3400AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS |
|
2 / 7 page ![]() AP3400AI 30V N-Channel Enhancement Mode MOSFET AP3400AI REV3.2 永源微電子科技有限公司 Electrical Characteristics (TJ=25℃, unless otherwise noted) Symbol Parameter Conditions Min. Typ. Max. Unit BVDSS Drain-Source Breakdown Voltage VGS=0V , ID=250uA 30 33 --- V △BVDSS/△TJ BVDSS Temperature Coefficient Reference to 25℃ , ID=1mA --- 0.029 --- V/℃ RDS(ON) Static Drain-Source On-Resistance2 VGS=10V , ID=5.8A --- 20 28 mΩ VGS=4.5V , ID=5A --- 24 32 mΩ VGS=2.5V , ID=4A --- 31 55 mΩ VGS(th) Gate Threshold Voltage VGS=VDS , ID =250uA 0.5 0.85 1.2 V △VGS(th) VGS(th) Temperature Coefficient --- -2.82 --- mV/℃ IDSS Drain-Source Leakage Current VDS=24V , VGS=0V , TJ=25℃ --- --- 1 uA VDS=24V , VGS=0V , TJ=55℃ --- --- 5 IGSS Gate-Source Leakage Current VGS=±12V , VDS=0V --- --- ±100 nA gfs Forward Transconductance VDS=5V , ID=5A --- 25 --- S Rg Gate Resistance VDS=0V , VGS=0V , f=1MHz --- 1.5 --- Ω Qg Total Gate Charge (4.5V) VDS=15V , VGS=4.5V , ID=5.8A --- 11.5 --- nC Qgs Gate-Source Charge --- 1.6 --- Qgd Gate-Drain Charge --- 2.9 --- Td(on) Turn-On Delay Time VDD=15V , VGS=10V , RG=3Ω ID=5A --- 5 --- ns Tr Rise Time --- 47. --- Td(off) Turn-Off Delay Time --- 26 --- Tf Fall Time --- 8 --- Ciss Input Capacitance VDS=15V , VGS=0V , f=1MHz --- 860 --- pF Coss Output Capacitance --- 84 --- Crss Reverse Transfer Capacitance --- 70 --- IS Continuous Source Current1,4 VG=VD=0V , Force Current --- --- 5.8 A VSD Diode Forward Voltage2 VGS=0V , IS=1A , TJ=25℃ --- --- 1.2 V Note : 1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper. 2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2% 3、The power dissipation is limited by 150℃ junction temperature 4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |