| Electronic Components Datasheet Search |
|
A19T. Marking, AP3401BI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS |
|
||||||||||||||||||||||||||||||
AP3401BI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS |
|
1 / 7 page ![]() AP3401BI -30V P-Channel Enhancement Mode MOSFET AP3401BI RVE1.2 永源微電子科技有限公司 Description The AP3401BI uses advanced Trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in other Switching application. General Features VDS = -30V ID =-4.2A RDS(ON) < 55mΩ @ VGS=10V (Type:45mΩ) RDS(ON) < 68mΩ @ VGS=4.5V (Type:53mΩ) Application Battery protection Load switch Uninterruptible power supply Package Marking and Ordering Information Product ID Pack Marking Qty(PCS) AP3401BI SOT23L A19T. 3000 Absolute Maximum Ratings (TC=25℃unless otherwise noted) Symbol Parameter Max. Units VDSS Drain-Source Voltage -30 V VGSS Gate-Source Voltage ±12 V ID@TC=25 ℃ Continuous Drain Current, VGS @ -10V1 -4.2 A ID@TC=100 ℃ Continuous Drain Current, VGS @ -10V1 -2.7 A IDM Pulsed Drain Current note1 -16.8 A PD Power Dissipation TA = 25 ℃ 1.5 W RθJA Thermal Resistance Junction-Ambient 1 125 ℃ /W RθJC Thermal Resistance Junction-Case1 124 ℃ /W TJ, TSTG Operating and Storage Temperature Range -55 to +150 ℃ |
Similar Description - AP3401BI |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |