Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BSOT Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1109-BSOT
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BSOT Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1109-BSOT Datasheet HTML 10Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 11Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 12Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 13Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 14Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 15Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 16Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 17Page - ams-OSRAM AG AS1109-BSOT Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
12 - 24
AS1109
Datasheet - Detailed Descr i p ti on
8.6 Detailed Error Reports
The detailed error report can be read out after global error mode has been run. On the falling edge of LD, the detailed error report of the selected
test is latched into the shift register and can be clocked out with n*8 clock cycles (n is the number of AS1109s in a chain) via pin SDO. At the
same time new data can be written into the shift register, which will load on the next rising edge of pin LD. This data will show at the output
drivers, at the falling edge of OEN.
8.6.1 Detailed Temperature Warning Report
The detailed temperature warning report can be read out immediately after global error mode has been run. Bit0 of the 8bit data word represents
the temperature flag of the chip.
Figure 15. Detailed Temperature Warning Report Timing Diagram
Detailed Temperature Warning Report Example
Consider a case where five AS1109s are cascaded in one chain. The detailed error report lists the temperatures for each device in the chain:
IC1:[70°] IC2:[85°] IC3:[66°] IC4:[160°] IC5:[76°]
In this case, IC4 is overheated and will generate a global error, and therefore 5*8 clock cycles are needed to write out the detailed temperature
warning report, and optionally read in new data. The detailed temperature warning report would look like this:
XXXXXXX1 XXXXXXX1 XXXXXXX1 XXXXXXX0 XXXXXXX1
The 0 in the detailed temperature warning report indicates that IC4 is the device with the over-temperature condition.
Note:
In an actual report there are no spaces in the output.
Global Flag Readout
Detailed Error Report Readout
tH(L)
tP4
tP4
SDI
OEN
LD
CLK
SDO
New Data Input
TFLAG
DBit7
Undefined
Don’t
Care
Don’t
Care
Temperature Error Report Output
DBit6
DBit5
DBit4
DBit3
DBit2
DBit1
DBit0
TBit0
t(SU)ERROR
tP1
For detailed timing information see Timing Diagrams on page 8.
tGSW(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26