| Electronic Components Datasheet Search |
|
AS1109B Marking, AS1109-BSSU Datasheet(PDF) 9 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1109-BSSU Datasheet(HTML) 9 Page - ams-OSRAM AG |
|
9 / 26 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 7 - 24 AS1109 Datasheet - Detailed Descr i p ti on 8 Detailed Description The AS1109 is designed to drive up to 8 LEDs through a fast serial interface and 8 constant-current output drivers. Furthermore, the AS1109 provides diagnostics for detecting open- or shorted-LEDs, as well as over-temperature conditions for LED display systems, especially LED traffic sign applications. The AS1109 contains an 8-bit shift register and an 8-bit data register, which convert serial input data into parallel output format. At AS1109 output stages, eight regulated current sinks are designed to provide uniform and constant current with excellent matching between ports for driving LEDs within a wide range of forward voltage variations. External output current is adjustable from 0.5 to 100mA using an external resistor for flexibility in controlling the brightness intensity of LEDs. The AS1109 guarantees to endure 15V maximum at the outputs. The serial interface is capable of operating at a minimum of 30 MHz, satisfying the requirements of high-volume data transmission. Using a multiplexed input/output technique, the AS1109 adds additional functionality to pins SDO, LD and OEN. These pins provide highly useful functions (open- and shorted-LED detection, over-temperature detection), thus reducing pin count. Over-temperature detection will work on-the- run, whereas the open- and shorted-LED detection can be used on-the-run or in low-current diagnostic mode (see page 14). Figure 9. AS1109 - Block Diagram 8.1 Serial Interface Data accesses are made serially via pins SDI and SDO. At each CLK rising edge, the signal present at pin SDI is shifted into the first bit of the internal shift register and the other bits are shifted ahead of the first bit. The MSB is the first bit to be clocked in. In error-detection mode the shift register will latch-in the corresponding error data of temperature-, open-, and short-error register with each falling edge of LD. AS1109 REXT OEN CLK SDI LD Current Generators Detailed Error Detection 8-Bit Data Register 8-Bit Shift Register Temperature Detection 8-Bit Open Detec- tion & Error Reg- ister 8-Bit Short Detection & Error Register Global Error Detection SDO Indicates 8 Bit Path Control Logic +VLED OUTN0 OUTN1 OUTN2 OUTN3 OUTN4 OUTN5 OUTN6 OUTN7 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |