Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1163 Marking, Q65113A9863 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # Q65113A9863
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

Q65113A9863 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button Q65113A9863 Datasheet HTML 9Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 10Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 11Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 12Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 13Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 14Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 15Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 16Page - ams-OSRAM AG Q65113A9863 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
AS1163
Absolute maximum ratings
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
13 / 91
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3: Absolute maximum ratings of AS1163
Symbol
Parameter
Min
Max
Unit
Comments
Electrical parameters
VDD / VGND
Supply voltage to ground
-0.3
7
V
Referenced to GND
VIN
Input pin voltage to ground
-0.3
VDD+0.3
V
ISCR
Input current (latch-up
immunity)
± 100
mA
AEC-Q100-004
Continuous power dissipation (TA = 70 °C)
PT
Continuous power dissipation
600
mW
Continuous power dissipation (TA = 125 °C, VOUT = 2.5 V, RTH = 71.6 °C/W)
PT
Continuous power dissipation
300
mW
Electrostatic discharge
ESDHBM
Electrostatic discharge HBM
± 4
KV
AEC-Q100-002
ESDCDM
Electrostatic discharge CDM
± 500
V
AEC-Q100-011, ±750V for corner pins
Temperature ranges and storage conditions
TA
Operating ambient
temperature
-40
125
°C
TJ
Operating junction
temperature
-40
150
°C
TSTRG
Storage temperature range
-55
150
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative humidity (non-
condensing)
5
85
%
MSL
Moisture sensitivity level
3
ICP/JEDEC J-STD-033
(1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” The lead finish for Pb‑free leaded packages is
“Matte Tin” (100 % Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91