Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1181 Marking, Q65115A2377 Datasheet(PDF) 76 Page - ams-OSRAM AG

Part # Q65115A2377
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

Q65115A2377 Datasheet(HTML) 76 Page - ams-OSRAM AG

Back Button Q65115A2377 Datasheet HTML 72Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 73Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 74Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 75Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 76Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 77Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 78Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 79Page - ams-OSRAM AG Q65115A2377 Datasheet HTML 80Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
76 / 92
/
8.3.39
CTRL_PADS1 register (Address 0x1A58)
Table 51: CTRL_PADS1 register (Write Access when config_mode==1)
Addr: 0x1A58
CTRL_PADS1
Bit
Bit field
Default
Access
Bit description
0
Id0_rpu_en
0x0
RW
1.. internal pullup enabled for ID0
1
Id1_rpu_en
0x0
RW
1.. internal pullup enabled for ID1
2
strobe2_rpu_en
0x0
RW
1.. internal pullup enabled for Strobe 2
3
test_rpu_en
0x0
RW
1.. internal pullup enabled for Test
4
strobe1_rpu_en
0x0
RW
1.. internal pullup enabled for Strobe 1
5
irqn_rpu_en
0x1
RW
1.. internal pullup enabled for IRQN
8
Id0_rpd_en
0x1
RW
1.. internal pulldown enabled for ID0
9
Id1_rpd_en
0x1
RW
1.. internal pulldown enabled for ID1
10
strobe2_rpd_en
0x1
RW
1.. internal pulldown enabled for Strobe 2
11
test_rpd_en
0x1
RW
1.. internal pulldown enabled for Test
12
strobe1_rpd_en
0x1
RW
1.. internal pulldown enabled for Strobe 1
13
irqn_rpd_en
0x0
RW
1.. internal pulldown enabled for IRQN
14
scl_drv_i2c_1v2_en
0x0
RW
1.. increase drive strength of SCL pin in case of VBUS =
1.2V
15
sda_drv_i2c_1v2_en
0x0
RW
1.. increase drive strength of SDA pin in case of VBUS =
1.2V
(1) If both rpu and rpd are enabled, pulldown will be used. If both rpu and rpd are disabled, pad must not be left floating.
8.3.40
DEVICE_REV register (Address 0x1A5C)
Table 52: DEVICE_REV register
Addr: 0x1A5C
DEVICE_REV
Bit
Bit field
Default
Access
Bit description
11:0
Device_rev
0x41
RO
Device Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com