| Electronic Components Datasheet Search |
|
L43 Marking, BAT54C Datasheet(PDF) 4 Page - TAITRON Components Incorporated |
|
||||||||||||||||||||||||||||||
BAT54C Datasheet(HTML) 4 Page - TAITRON Components Incorporated |
|
4 / 6 page ![]() Multiple Terminals SMD Schottky Diodes Rev. A/AH 2008-03-14 BAT54/A/C/S www.taitroncomponents.com Page 4 of 6 Mounting Pad Layout in mm (inch) Packing Information: Carrier Tape Dimensions (in mm) Note: Symbol A0, B0, K0 are determined by the maximum dimensions of the component size. The clearance between the component and the cavity must be within 0.05 mm (0.002’’) min. to 0.50 mm (0.02’’) max. for 8 mm tape. A0 B0 K0 D P0 P Product Type See Note 1.55±0.5 4.0±0.1 4.0±0.1 W E T D1 F P2 SOT-23 8.0+0.3/-0.1 1.75±0.1 0.38±0.1 1.0±0.05 3.5±0.5 2.0±0.05 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |