| Electronic Components Datasheet Search |
|
L43 Marking, BAT54C Datasheet(PDF) 1 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
BAT54C Datasheet(HTML) 1 Page - Vishay Siliconix |
|
1 / 5 page ![]() Document Number: 94269 For technical questions, contact: diodes-tech@vishay.com www.vishay.com Revision: 19-Sep-08 1 Schottky Diode, 2 x 0.1 A BAT54CPbF Vishay High Power Products FEATURES • Small foot print, surface mountable • Very low forward voltage drop • Extremely fast switching speed for high frequency operation • Guard ring for enhanced ruggedness and long term reliability • Lead (Pb)-free • Designed and qualified for industrial level DESCRIPTION This Schottky barrier diode is designed for high speed switching application, voltage clamping and circuit protection. Miniature surface mount packages with reduced foot print are excellent for portable application where space is limited. PRODUCT SUMMARY IF(AV) 2 x 0.1 A VR 30 V SOT-23 2 1 3 (K) (A) (A) Available Pb-free RoHS* COMPLIANT MAJOR RATINGS AND CHARACTERISTICS SYMBOL CHARACTERISTICS VALUES UNITS IF DC 0.2 A VRRM 30 V IFSM tp = 10 ms sine 1.0 A VF 30 mA DC, TJ = 25 °C 0.5 V Pd Power dissipation at TA = 25 °C 200 mW TJ Range - 65 to 150 °C VOLTAGE RATINGS PARAMETER SYMBOL BAT54CPbF UNITS Maximum DC reverse voltage VR 30 V Maximum working peak reverse voltage VRWM ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum average forward current per leg IF(AV) DC 0.1 A per device 0.2 Maximum peak one cycle non-repetitive surge current at TJ = 25 °C IFSM 5 µs sine or 3 µs rect. pulse Following any rated load condition and with rated VRRM applied 8.4 10 ms sine or 6 ms rect. pulse 1.0 * Pb containing terminations are not RoHS compliant, exemptions may apply |
Similar Description - BAT54C |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |