| Electronic Components Datasheet Search |
|
L44 Marking, BAT54S Datasheet(PDF) 2 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
BAT54S Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 5 page ![]() www.vishay.com For technical questions, contact: diodes-tech@vishay.com Document Number: 93425 2 Revision: 22-Aug-08 BAT54S Vishay High Power Products Schottky Diode, 2 x 0.1 A Note (1) Pulse width < 300 µs, duty cycle < 2 % Note (1) thermal runaway condition for a diode on its own heatsink ELECTRICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum forward voltage drop VFM (1) 0.1 A TJ = 25 °C 0.65 V 30 mA 0.50 10 mA 0.40 1 mA 0.32 0.1 mA 0.24 Maximum reverse leakage current IRM (1) VR = 25 V 2 µA VR = 30 V 3 Maximum junction capacitance CT VR = 5 VDC (test signal range 100 kHz to 1 MHz), TJ = 25 °C 10 pF Maximum voltage rate of change dV/dt Rated VR 10 000 V/µs THERMAL - MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum junction and storage temperature range TJ (1), TStg - 65 to 150 °C Maximum thermal resistance, junction to ambient RthJA Mounted on PC board FR4 with minimum pad size 500 °C/W Approximate weight 0.008 g Marking device Case style SOT-23 HYWLC dP tot dT J ------------- 1 R thJA -------------- < |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |