| Electronic Components Datasheet Search |
|
D4 Marking, MMSZ5229 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
MMSZ5229 Datasheet(HTML) 1 Page - Vishay Siliconix |
|
1 / 5 page ![]() MMSZ5225-V to MMSZ5267-V Document Number 85774 Rev. 1.5, 20-Mar-06 Vishay Semiconductors www.vishay.com 1 17431 Small Signal Zener Diodes Features • Silicon Planar Power Zener Diodes. • Standard Zener voltage tolerance is ± 5 % with a "B" suffix (e.g.: MMSZ5225B-V), suffix “C” is ± 2 % tolerance • These diodes are also available in MiniMELF case with the designation TZM5225 ...TZM5267, DO-35 case with type designation 1N5225 ... 1N5267 and SOT23 case with the type designa- tion MMBZ5225-V ... MMBZ5267-V. • Lead (Pb)-free component • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC Mechanical Data Case: SOD123 Plastic case Weight: approx. 9.3 mg Packaging codes/options: GS18 / 10 k per 13 " reel (8 mm tape), 10 k/box GS08 / 3 k per 7 " reel (8 mm tape), 15 k/box Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified 1) On FR - 4 or FR - 5 board with minimum recommended solder pad layout. Thermal Characteristics Tamb = 25 °C, unless otherwise specified 1) On FR - 4 or FR - 5 board with minimum recommended solder pad layout. Parameter Test condition Symbol Value Unit Zener current (see Table "Characteristics") Power dissipation TL = 75 °C Ptot 5001) mW Parameter Test condition Symbol Value Unit Thermal resistance junction to ambient air RthJA 3401) K/W Maximum junction temperature Tj 150 °C Storage temperature range Tstg - 65 to + 175 °C e3 |
Similar Description - MMSZ5229 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |