| Electronic Components Datasheet Search |
|
M05 Marking, SM05 Datasheet(PDF) 1 Page - Semtech Corporation |
|
||||||||||||||||||||||||||||||
SM05 Datasheet(HTML) 1 Page - Semtech Corporation |
|
1 / 7 page ![]() 1 www.semtech.com PROTECTION PRODUCTS SM05 through SM36 TVS Diode Array Description Features Circuit Diagram Schematic & PIN Configuration Revision 07/12/04 The SM series of transient voltage suppressors (TVS) are designed to protect components which are connected to data and transmission lines from voltage surges caused by electrostatic discharge (ESD), electrical fast transients (EFT), and lightning. TVS diodes are characterized by their high surge capability, low operating and clamping voltages, and fast response time. This makes them ideal for use as board level protection of sensitive semiconductor components. The dual-junction common-anode design allows the user to protect one bidirectional data line or two unidirectional lines. The low profile SOT23 package allows flexibility in the design of “crowded” circuit boards. The SM series will meet the surge requirements of IEC 61000-4-2 (Formerly IEC 801-2), Level 4, “Human Body Model” for air and contact discharge. Applications Mechanical Characteristics Cellular Handsets and Accessories Portable Electronics Industrial Controls Set-Top Box Servers, Notebook, and Desktop PC 300 watts peak pulse power (t p = 8/20µs) Transient protection for data & power lines to IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5 (Lightning) 12A (8/20µs) Protects one bidirectional line or two unidirectional lines Working Voltages: 5V, 12V, 15V, 24 and 36V Low clamping voltage Solid-state silicon avalanche technology JEDEC SOT23 package Molding compound flammability rating: UL 94V-0 Marking : Marking Code Packaging : Tape and Reel per EIA 481 SOT23 (Top View) |
Similar Description - SM05 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |