| Electronic Components Datasheet Search |
|
A7 Marking, BAV99WT1 Datasheet(PDF) 2 Page - Motorola, Inc |
|
||||||||||||||||||||||||||||||
BAV99WT1 Datasheet(HTML) 2 Page - Motorola, Inc |
|
2 / 6 page ![]() BAV99WT1 BAV99RWT1 2 Motorola Small–Signal Transistors, FETs and Diodes Device Data ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Reverse Breakdown Voltage (I(BR) = 100 µA) V(BR) 70 — Vdc Reverse Voltage Leakage Current (VR = 70 Vdc) (VR = 25 Vdc, TJ = 150°C) (VR = 70 Vdc, TJ = 150°C) IR — — — 2.5 30 50 mAdc Diode Capacitance (VR = 0, f = 1.0 MHz) CD — 1.5 pF Forward Voltage (IF = 1.0 mAdc) (IF = 10 mAdc) (IF = 50 mAdc) (IF = 150 mAdc) VF — — — — 715 855 1000 1250 mVdc Reverse Recovery Time (IF = IR = 10 mAdc, iR(REC) = 1.0 mAdc) (Figure 1) RL = 100 W trr — 6.0 ns Forward Recovery Voltage (IF = 10 mA, tr = 20 ns) VFR — 1.75 V Notes: 1. A 2.0 k Ω variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp » trr +10 V 2 k 820 Ω 0.1 µF DUT VR 100 µH 0.1 µF 50 Ω OUTPUT PULSE GENERATOR 50 Ω INPUT SAMPLING OSCILLOSCOPE tr tp t 10% 90% IF IR trr t iR(REC) = 1 mA OUTPUT PULSE (IF = IR = 10 mA; measured at iR(REC) = 1 mA) IF INPUT SIGNAL Figure 1. Recovery Time Equivalent Test Circuit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |