| Electronic Components Datasheet Search |
|
D4 Marking, EMD4 Datasheet(PDF) 1 Page - Rohm |
|
||||||||||||||||||||||||||||||
EMD4 Datasheet(HTML) 1 Page - Rohm |
|
1 / 5 page ![]() EMD4 / UMD4N Transistors Rev.B 1/4 General purpose (dual digital transistors) EMD4 / UMD4N Features 1) Both the DTA114Y chip and DTC144E chip in an EMT6 or UMT6 package. 2) Mounting possible with EMT3 or UMT3 automatic mounting machines. 3) Transistor elements are independent, eliminating interference. 4) Mounting cost and area can be cut in half. Structure A PNP and NPN digital transistor (each with a single built in resistor) The following characteristics apply to both the DTr1 and DTr2, however, the “ −” sign on DTr2 values for the PNP type have been omitted. Equivalent circuit EMD4 / UMD4N DTr2 DTr1 (3) (2) (1) (4) (5) (6) R1 R1 DTr1 R2 R2 R1/R2=47k Ω / 47kΩ DTr2 R1/R2=10k Ω / 47kΩ External dimensions (Unit : mm) ROHM : EMT6 EMD4 ROHM : UMT6 EIAJ : SC-88 UMD4N Abbreviated symbol :D4 Abbreviated symbol : D4 1.2 1.6 (1) (2) (5) (3) (6) (4) Each lead has same dimensions Each lead has same dimensions 0.1Min. 2.1 1.25 Packaging specifications Taping Code Basic ordering unit (pieces) Package TR 3000 UMD4N T2R 8000 EMD4 Type |
Similar Description - EMD4 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |