| Electronic Components Datasheet Search |
|
702 Marking, 2N7002 Datasheet(PDF) 1 Page - Zetex Semiconductors |
|
||||||||||||||||||||||||||||||
2N7002 Datasheet(HTML) 1 Page - Zetex Semiconductors |
|
|
1 / 1 page ![]() SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET ISSUE 3 – JANUARY 1996 FEATURES * 60 Volt V CEO PARTMARKING DETAIL – 702 ABSOLUTE MAXIMUM RATINGS. PARAMETER SYMBOL VALUE UNIT Drain-Source Voltage VDS 60 V Continuous Drain Current at Tamb=25°C ID 115 mA Pulsed Drain Current IDM 800 mA Gate-Source Voltage VGS ± 40 V Power Dissipation at Tamb=25°C Ptot 330 mW Operating and Storage Temperature Range Tj:Tstg -55 to +150 °C ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated). PARAMETER SYMBOL MIN. MAX. UNIT CONDITIONS. Drain-Source Breakdown Voltage BVDSS 60 V ID=10µA, VGS=0V Gate-Source Threshold Voltage VGS(th) 12.5 V ID=250mA, VDS= VGS Gate-Body Leakage IGSS 10 nA VGS=± 20V, VDS=0V Zero Gate Voltage Drain Current IDSS 1 500 µA µA VDS=48V, VGS=0V VDS=48V, VGS=0V, T=125°C(2) On-State Drain Current(1) ID(on) 500 mA VDS=25V, VGS=10V Static Drain-Source On-State Voltage (1) VDS(on) 3.75 375 V mV VGS=10V, ID=500mA VGS=5V, ID=50mA Static Drain-Source On-State Resistance (1) RDS(on) 7.5 7.5 Ω Ω VGS=10V, ID=500mA VGS=5V, ID=50mA Forward Transconductance (1)(2) gfs 80 mS VDS=25V, ID=500mA Input Capacitance (2) Ciss 50 pF Common Source Output Capacitance (2) Coss 25 pF VDS=25V, VGS=0V, f=1MHz Reverse Transfer Capacitance (2) Crss 5pF Turn-On Time (2)(3) t(on) 20 ns VDD ≈30V, ID=200mA Rg=25Ω, RL=150Ω Turn-Off Time (2)(3) t(off) 20 ns (1) Measured under pulsed conditions. Width=300 µs. Duty cycle ≤2% (2) Sample test. (3) Switching times measured with 50 Ω source impedance and <5ns rise time on a pulse generator Spice parameter data is available upon request for this device 2N7002 D G S SOT23 3 - 2 |
Similar Description - 2N7002 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |