| Electronic Components Datasheet Search |
|
K72 Marking, 2N7002DW Datasheet(PDF) 1 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002DW Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 4 page ![]() 2N7002DW Document number: DS30120 Rev. 12 - 2 1 of 4 www.diodes.com August 2010 © Diodes Incorporated 2N7002DW DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features • Dual N-Channel MOSFET • Low On-Resistance • Low Gate Threshold Voltage • Low Input Capacitance • Fast Switching Speed • Low Input/Output Leakage • Ultra-Small Surface Mount Package • Lead Free/RoHS Compliant (Note 2) • Qualified to AEC-Q101 Standards for High Reliability • "Green" Device (Note 3 and 4) Mechanical Data • Case: SOT-363 • Case Material: Molded Plastic. “Green” Molding Compound. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: Matte Tin Finish annealed over Alloy 42 leadframe (Lead Free Plating). Solderable per MIL-STD-202, Method 208 • Terminal Connections: See Diagram • Marking Information: See Page 3 • Ordering Information: See Page 3 • Weight: 0.006 grams (approximate) Maximum Ratings @TA = 25°C unless otherwise specified Characteristic Symbol Value Units Drain-Source Voltage VDSS 60 V Drain-Gate Voltage RGS ≤ 1.0MΩ VDGR 60 V Gate-Source Voltage Continuous Pulsed VGSS ±20 ±40 V Drain Current (Note 1) Continuous Continuous @ 100°C Pulsed ID 115 73 800 mA Thermal Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Value Units Total Power Dissipation Derating above TA = 25°C (Note 1) PD 200 1.60 mW mW/°C Thermal Resistance, Junction to Ambient RθJA 625 °C/W Operating and Storage Temperature Range TJ, TSTG -55 to +150 °C Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. SOT-363 TOP VIEW Internal Schematic TOP VIEW S 1 D 1 D 2 S 2 G 1 G 2 |
Similar Description - 2N7002DW |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |