| Electronic Components Datasheet Search |
|
K72 Marking, 2N7002K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
||||||||||||||||||||||||||||||
2N7002K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
1 / 4 page ![]() 2N7002K 0.3A , 60V , RDS(ON) 4 N-Ch Small Signal MOSFET with ESD Protection Elektronische Bauelemente 30-Mar-2011 Rev. A Page 1 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. Top View A L C B D G H J F K E 1 2 3 1 2 3 SOT-23 RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES RDS(ON), VGS@10V, IDS@500mA=3 RDS(ON), VGS@4.5V, IDS@200mA=4 Advanced Trench Process Technology High Density Cell Design For Ultra Low On-Resistance Very Low Leakage Current In Off Condition Specially Designed for Battery Operated Systems, Solid-State Relays Drivers:Relays, Displays, Lamps, Solenoids, Memories, etc. ESD Protected 2KV HBM In compliance with EU RoHS 2002/95/EC directives MECHANICAL DATA Case: SOT-23 Package Terminals: Solderable per MIL-STD-750, Method 2026 Approx. Weight: 0.008 gram MARKING K72 PACKAGE INFORMATION Package MPQ Leader Size SOT-23 3K 7’ inch ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified) Parameter Symbol Rating Unit Drain-Source Voltage VDS 60 V Gate-Source Voltage VGS ±20 V Continuous Drain Current ID 300 mA Pulsed Drain Current 1 IDM 2000 mA Maximum Power Dissipation TA=25°C PD 0.35 W TA=75°C 0.21 Thermal Resistance Junction-Ambient (PCB mounted) 2 RJA 357 °C/W Operating Junction and Storage Temperature TJ, TSTG -55 ~ +150 °C Notes: 1. Maximum DC current limited by the package. 2. Surface mounted on FR4 board, t < 5sec. REF. Millimeter REF. Millimeter Min. Max. Min. Max. A 2.80 3.04 G 0.09 0.18 B 2.10 2.55 H 0.45 0.60 C 1.20 1.40 J 0.08 0.177 D 0.89 1.15 K 0.6 REF. E 1.78 2.04 L 0.89 1.02 F 0.30 0.50 Gate Source Drain |
Similar Description - 2N7002K |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |