| Electronic Components Datasheet Search |
|
Z9 Marking, SST309 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
SST309 Datasheet(HTML) 6 Page - Vishay Siliconix |
|
6 / 7 page ![]() J/SST/U308 Series Vishay Siliconix www.vishay.com 7-6 Document Number: 70237 S-04028—Rev. G, 04-Jun-01 TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED) 1 10 100 100 80 40 20 0 60 VGS(off) = –1.5 V VGS(off) = –3 V On-Resistance vs. Drain Current ID – Drain Current (mA) 110 0.1 100 80 40 20 0 60 ID – Drain Current (mA) R L + 10 V I D Assume VDD = 15 V, VDS = 5 V VGS(off) = –1.5 V VGS(off) = –3 V Circuit Voltage Gain vs. Drain Current 15 0 –12 –16 –20 –4 12 6 3 0 9 –8 Common-Source Input Capacitance vs. Gate-Source Voltage VDS = 0 V f = 1 MHz VDS = 5 V VGS – Gate-Source Voltage (V) Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage 10 0 –12 –20 –16 –4 8 4 2 0 6 –8 VDS = 0 V f = 1 MHz VDS = 5 V VGS – Gate-Source Voltage (V) 100 10 1 0.1 100 1000 TA = 25_C VDG = 10 V ID = 10 mA Common–Gate gig big Input Admittance vs. Frequency f – Frequency (MHz) 100 10 1 0.1 100 1000 TA = 25_C VDG = 10 V ID = 10 mA Common–Gate –gfg bfg Forward Admittance vs. Frequency f – Frequency (MHz) 200 500 200 500 A V + g fs RL 1 ) R Lgos |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |