| Electronic Components Datasheet Search |
|
D4 Marking, BC847AM Datasheet(PDF) 6 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BC847AM Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 15 page ![]() BC847_BC547_SER_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 10 December 2008 6 of 15 NXP Semiconductors BC847/BC547 series 45 V, 100 mA NPN general-purpose transistors 7. Characteristics [1] Pulse test: tp ≤ 300 µs; δ≤ 0.02. [2] VBE decreases by approximately 2 mV/K with increasing temperature. Table 8. Characteristics Tamb = 25 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit ICBO collector-base cut-off current VCB =30V; IE = 0 A --15 nA VCB =30V; IE =0A; Tj = 150 °C --5 µA IEBO emitter-base cut-off current VEB =5V; IC = 0 A - - 100 nA hFE DC current gain hFE group A VCE =5V; IC =10 µA - 90 - hFE group B VCE =5V; IC =10 µA - 150 - hFE group C VCE =5V; IC =10 µA - 270 - DC current gain VCE =5V; IC = 2 mA 110 - 800 hFE group A VCE =5V; IC = 2 mA 110 180 220 hFE group B VCE =5V; IC = 2 mA 200 290 450 hFE group C VCE =5V; IC = 2 mA 420 520 800 VCEsat collector-emitter saturation voltage IC = 10 mA; IB = 0.5 mA - 90 200 mV IC = 100 mA; IB =5mA [1] - 200 400 mV VBEsat base-emitter saturation voltage IC = 10 mA; IB = 0.5 mA [2] - 700 - mV IC = 100 mA; IB =5mA [2] - 900 - mV VBE base-emitter voltage IC = 2 mA; VCE =5V [2] 580 660 700 mV IC = 10 mA; VCE = 5 V - - 770 mV Cc collector capacitance IE =ie = 0 A; VCB =10V; f=1MHz - - 1.5 pF Ce emitter capacitance IC =ic = 0 A; VEB = 0.5 V; f=1MHz -11 - pF fT transition frequency IC = 10 mA; VCE =5V; f = 100 MHz 100 - - MHz NF noise figure IC = 200 µA; VCE =5V; RS =2kΩ; f = 1 kHz; B = 200 Hz - 2 10 dB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |