| Electronic Components Datasheet Search |
|
Z9 Marking, SST309 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
||||||||||||||||||||||||||||||
SST309 Datasheet(HTML) 5 Page - Vishay Siliconix |
|
5 / 8 page ![]() J/SST/U308 Series Vishay Siliconix Document Number: 70237 S-50149—Rev. H, 24-Jan-05 www.vishay.com 5 TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED) Output Characteristics VDS − Drain-Source Voltage (V) 50 04 28 10 40 20 10 0 30 6 −2.4 V VGS = 0 V −0.4 V −0.8 V −1.2 V −1.6 V −2.0 V Transfer Characteristics VGS − Gate-Source Voltage (V) 30 0 −1.2 −0.4 −1.6 −2 24 12 6 0 18 −0.8 TA = −55_C VGS(off) = −1.5 V 125_C Transfer Characteristics VGS − Gate-Source Voltage (V) 100 0 −1.8 −0.6 −2.4 −3 80 40 20 0 60 −1.2 TA = −55_C 25_C VGS(off) = −3 V 125_C 30 0 −1.2 −1.6 −0.4 −2 24 12 6 0 −0.8 18 Transconductance vs. Gate-Source Voltage VGS − Gate-Source Voltage (V) VGS(off) = −1.5 V TA = −55_C 125_C 50 0 −1.8 −2.4 −0.6 −3 40 20 10 0 −1.2 30 Transconductance vs. Gate-Source Voltage VGS − Gate-Source Voltage (V) TA = −55_C 25_C 125_C VGS(off) = −3 V VGS(off) = −3 V VDS = 10 V VDS = 10 V VDS = 10 V f = 1 kHz VDS = 10 V f = 1 kHz 25_C 25_C Output Characteristics VDS − Drain-Source Voltage (V) VGS = 0 V −0.2 V −0.4 V −0.6 V −0.8 V −1.0 V 20 06 8 210 16 8 4 0 4 12 VGS(off) = −1.5 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |