| Electronic Components Datasheet Search |
|
D4 Marking, BC847AM Datasheet(PDF) 2 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BC847AM Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 15 page ![]() BC847_BC547_SER_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 10 December 2008 2 of 15 NXP Semiconductors BC847/BC547 series 45 V, 100 mA NPN general-purpose transistors 1.2 Features I Low current I Low voltage I Three different gain selections 1.3 Applications I General-purpose switching and amplification 1.4 Quick reference data 2. Pinning information Table 2. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VCEO collector-emitter voltage open base - - 45 V IC collector current - - 100 mA hFE DC current gain VCE =5V; IC = 2 mA 110 - 800 hFE group A 110 180 220 hFE group B 200 290 450 hFE group C 420 520 800 Table 3. Pinning Pin Description Simplified outline Graphic symbol SOT23, SOT323, SOT416 1 base 2 emitter 3 collector SOT883 1 base 2 emitter 3 collector 006aaa144 12 3 sym021 3 2 1 3 1 2 Transparent top view sym021 3 2 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |