| Electronic Components Datasheet Search |
|
D4 Marking, BC847AM Datasheet(PDF) 5 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BC847AM Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 18 page ![]() BC847_SER All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 8 — 20 August 2012 5 of 18 NXP Semiconductors BC847 series 45 V, 100 mA NPN general-purpose transistors 7. Characteristics [1] Pulse test: tp 300 s; = 0.02. [2] VBE decreases by approximately 2 mV/K with increasing temperature. Table 8. Characteristics Tamb =25 C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit ICBO collector-base cut-off current VCB =30V; IE =0A - - 15 nA VCB =30V; IE =0A; Tj = 150 C -- 5 A IEBO emitter-base cut-off current VEB =5V; IC = 0 A - - 100 nA hFE DC current gain VCE =5V; IC =10 A hFE group A - 90 - hFE group B - 150 - hFE group C - 270 - DC current gain VCE =5V; IC =2 mA 110 - 800 hFE group A 110 180 220 hFE group B 200 290 450 hFE group C 420 520 800 VCEsat collector-emitter saturation voltage IC =10mA; IB =0.5 mA - 90 200 mV IC =100 mA; IB =5mA [1] - 200 400 mV VBEsat base-emitter saturation voltage IC =10mA; IB =0.5 mA [2] - 700 - mV IC =100 mA; IB =5mA [2] - 900 - mV VBE base-emitter voltage IC =2mA; VCE =5V [2] 580 660 700 mV IC =10mA; VCE =5V - - 770 mV fT transition frequency VCE =5V; IC =10 mA; f=100MHz 100 --MHz Cc collector capacitance VCB =10V; IE =ie =0A; f=1MHz -- 1.5 pF Ce emitter capacitance VEB =0.5 V; IC =ic =0 A; f=1MHz -11 - pF NF noise figure IC =200 A; VCE =5V; RS =2 k; f = 1 kHz; B=200Hz -2 10 dB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |