| Electronic Components Datasheet Search |
|
7C Marking, RSB12JS2 Datasheet(PDF) 2 Page - Rohm |
|
||||||||||||||||||||||||||||||
RSB12JS2 Datasheet(HTML) 2 Page - Rohm |
|
2 / 3 page ![]() www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved. Data Sheet RSB12JS2 Electrical characteristics curve REVERSE VOLTAGE:VR(V) VR-IR CHARACTERISTICS IR DISRESION MAP REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS Ct DISRESION MAP ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS ZENER CURRENT(mA) Zz-Iz CHARACTERISTICS Vz DISRESION MAP TIME:t(s) Rth-t CHARACTERISTICS 0.0001 0.001 0.01 0.1 1 10 100 1000 10000 01 234 567 89 Ta=25℃ Ta=-25℃ Ta=75℃ Ta=125℃ Ta=150℃ 0 1 2 3 4 5 6 7 8 9 10 Ta=25℃ VR=9V n=30pcs AVE:0.3089nA 0.1 1 10 012 345 6789 f=1MHz 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 AVE:0.996pF Ta=25℃ f=1MHz VR=0V n=10pcs 0.001 0.01 0.1 1 10 12 13 14 15 16 17 Ta=75℃ Ta=-25℃ Ta=125℃ Ta=25℃ Ta=150℃ 1 10 100 0.1 1 10 13.3 13.4 13.5 13.6 13.7 13.8 AVE:13.572V Ta=25℃ IZ=5mA n=30pcs 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 Rth(j-a) Rth(j-c) 1ms IM=10mA IF=100mA 300us time Mounted on epoxy board 2/2 2011.04 - Rev.C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |