Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

SL Marking, 1N5819HW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 1N5819HW
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5819HW Datasheet(HTML) 2 Page - Diodes Incorporated

  1N5819HW Datasheet HTML 1Page - Diodes Incorporated 1N5819HW Datasheet HTML 2Page - Diodes Incorporated 1N5819HW Datasheet HTML 3Page - Diodes Incorporated 1N5819HW Datasheet HTML 4Page - Diodes Incorporated 1N5819HW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N5819HW
Document number: DS30217 Rev. 16 - 2
2 of 5
www.diodes.com
June 2014
© Diodes Incorporated
1N5819HW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
@ IR = 1.0mA
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current
@ TL = +90°CIO
1.0
A
Repetitive Peak Forward Current
tp ≤ 1ms, δ ≤ 0.5
IFRM
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
25
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
450
mW
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
222
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
40
⎯
⎯
V
IR = 1.0mA
Forward Voltage
VF
⎯
⎯
⎯
⎯
⎯
⎯
0.320
0.450
0.750
V
IF = 0.1A
IF = 1.0A
IF = 3.0A
Reverse Leakage Current (Note 6)
IR
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
10
1
15
1.5
1.0
10
50
2
75
3
mA
mA
µA
mA
µA
mA
VR = 40V, TA = +25°C
VR = 40V, TA = +100°C
VR = 4V, TA = +25°C
VR = 4V, TA = +100°C
VR = 6V, TA = +25°C
VR = 6V, TA = +100°C
Total Capacitance
CT
⎯
50
60
pF
VR = 4V, f = 1.0MHz
Notes:
5. Device mounted on FR-4 PC Board, 2"x2", 2 oz. Copper, single sided, Cathode pad dimensions 0.75"x1.0", Anode pad dimensions 0.25"x1.0".
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com