| Electronic Components Datasheet Search |
|
A3 Marking, MIC803-29D4VC3 Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
||||||||||||||||||||||||||||||
MIC803-29D4VC3 Datasheet(HTML) 1 Page - Micrel Semiconductor |
|
1 / 12 page ![]() MIC803 3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com August 3, 2015 Revision 1.2 General Description The MIC803 is a single-voltage supervisor with open-drain reset output that provides accurate power supply monitoring and reset generation in microprocessor-based systems. The function of the device is to assert a reset signal if the power supply voltage drops below the reset threshold voltage, and retain this reset for the reset timeout period once the power supply increases above the reset threshold voltage. The MIC803 consumes only 4.5µA of supply current and offers three reset delay periods of 20ms, 140ms, and 1120ms (minimum). It features factory-programmed reset threshold levels from 2.63V to 4.63V to accommodate 3.0V, 3.3V, and 5.0V power supplies. It is available in the compact 3-pin SC-70 and SOT-23 packages. Datasheets and support documentation are available on Micrel’s web site at: www.micrel.com. Features • 4.5 μA supply current (typical) at 3.6V • Open-drain /RESET output • /RESET remains valid with V CC as low as 1V • 20ms, 140ms, or 1120ms (minimum) reset timeout options • 2.63V to 4.63V preset voltage threshold options • 2.5% voltage threshold accuracy over temperature • 3-pin SC70-3 package (2.0mm × 2.1mm) • 3-pin SOT-23 package (2.3mm × 2.9mm) • -40 ˚C to +125˚C junction temperature range Applications • Critical microcomputer power monitoring • Portable equipment • Solid state drives • Printers/computers • Embedded controllers Typical Application VCC 100k VCC RESET VCC µP MIC803 GND GND RESET |
Similar Description - MIC803-29D4VC3 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |