| Electronic Components Datasheet Search |
|
A3 Marking, UMA3N Datasheet(PDF) 2 Page - Rohm |
|
||||||||||||||||||||||||||||||
UMA3N Datasheet(HTML) 2 Page - Rohm |
|
2 / 10 page ![]() EMA3 / UMA3N / FMA3A Datasheet l lAbsolute maximum ratings (Ta = 25°C) <For DTr1 and DTr2 in common> Parameter Symbol Values Unit Collector-base voltage VCBO -50 V Collector-emitter voltage VCEO -50 V Emitter-base voltage VEBO -5 V Collector current IC -100 mA Power dissipation EMA3 PD*1*2 150 mW/Total UMA3N PD*1*2 150 FMA3A PD*1*3 300 Junction temperature Tj 150 ℃ Range of storage temperature Tstg -55 to +150 ℃ l lElectrical characteristics (Ta = 25°C) <For DTr1 and DTr2 in common> Parameter Symbol Conditions Values Unit Min. Typ. Max. Collector-base breakdown voltage BVCBO IC = -50μA -50 - - V Collector-emitter breakdown voltage BVCEO IC = -1mA -50 - - V Emitter-base breakdown voltage BVEBO IE = -50μA -5 - - V Collector cut-off current ICBO VCB = -50V - - -500 nA Emitter cut-off current IEBO VEB = -4V - - -500 nA Collector-emitter saturation voltage VCE(sat) IC = -5mA, IB = -0.25mA - - -300 mV DC current gain hFE VCE = -5V, IC = -1mA 100 250 600 - Input resistance R1 - 3.29 4.7 6.11 kΩ Transition frequency fT*4 VCE = -10V, IE = 5mA, f = 100MHz - 250 - MHz *1 Each terminal mounted on a reference land. *2 120mW per element must not be exceeded. *3 200mW per element must not be exceeded. *4 Characteristics of built-in transistor. www.rohm.com © 2015 ROHM Co., Ltd. All rights reserved. 2/6 20151019 - Rev.002 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |