Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

A3 Marking, FMA3A Datasheet(PDF) 2 Page - Rohm

Part # FMA3A
Description  Emitter common (dual digital transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA3A Datasheet(HTML) 2 Page - Rohm

  FMA3A Datasheet HTML 1Page - Rohm FMA3A Datasheet HTML 2Page - Rohm FMA3A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMA3 / UMA3N / FMA3A
ansistors
Tr
Rev.A
2/2
Absolute maximum ratings (Ta=25
°C)
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
−50
V
V
V
mA
∗2
mW
∗1
˚C
˚C
−50
−5
−100
300 (TOTAL)
150 (TOTAL)
150
−55 to +150
Symbol
Limits
Unit
EMA3, UMA3N
FMA3A
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
hFE
VCE (sat)
R1
Min.
−50
−50
−5
−
100
−
3.29
−
−
−
−
250
−
4.7
−
−
−
−0.5
600
−0.3
6.11
VIC=
−50µA
IC
=
−1mA
IE
=
−50µA
VCB
=
−50V
VCE/IC
=
−5V/−1mA
IC/IB
=
−5mA/−0.25mA
−
V
V
µA
IEBO
−−
−0.5
VEB
=
−4V
µA
−
V
k
Ω
Typ.
Max.
Unit
Conditions
fT
−
250
−
VCE
=
−10V, IE=5mA, f=100MHz
MHz
∗
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Input resistance
Emitter cutoff current
Transition frequency
∗ Transition frequency of the device
Packaging specifications
Package
Code
TR
T148
3000
3000
Taping
Basic ordering
unit (pieces)
UMA3N
T2R
8000
EMA3
FMA3A
Type
Electrical characteristic curves
VCE=
−5V
−100µ
−1m
−10m
−200µ
−2m
−20m
−500µ
−5m
−50m −100m
1k
500
200
100
50
20
10
5
2
1
COLLECTOR CURRENT : IC
(A)
Fig.1 DC current gain vs. collector
current
−40˚C
25˚C
Ta=100˚C
lC/lB=20
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
−1
−100µ−1m
−10m
−200µ−2m
−20m
−500µ−5m
−50m−100m
COLLECTOR CURRENT : IC
(A)
Fig.2 Collector-emitter saturation
voltage vs. collector current
Ta=100˚C
25˚C
−40˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com