Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

A7 Marking, EMA7 Datasheet(PDF) 2 Page - Rohm

Part # EMA7
Description  Emitter common (dual digital transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA7 Datasheet(HTML) 2 Page - Rohm

  EMA7 Datasheet HTML 1Page - Rohm EMA7 Datasheet HTML 2Page - Rohm EMA7 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMA7 / UMA7N / FMA7A
Transistors
Rev.A
2/2
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input resistance
VI (off)
VI (on)
VO (on)
II
IO (off)
GI
fT
R1
−
−2.5
−
−
−
30
−
3.29
−
−
−0.1
−
−
−
250
−
−
4.7
−0.3
−
−0.3
−1.8
−0.5
−
−
6.11
V
V
mA
µA
−
MHz
k
Ω
∗
R2 / R1
1.7
2.1
2.6
−
VCC
=−5V, IO=−100µA
VO
=−0.3V, IO=−20mA
IO/II
=−10mA/−0.5mA
VI
=−5V
VCC
=−50V, VI=0V
VO
=−5V, IO=−10mA
VCE
=−10V, IE=5mA, f=100MHz
∗Transition frequency of the device.
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Resistance ratio
Electrical characteristics curves
OUTPUT CURRENT : IO
(V)
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
VO
=−0.3V
−100µ−200µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
0
−3.0
INPUT VOLTAGE : VI(off)
(V)
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1.0
−1.5
−2.0
−2.5
Fig.2 Output current vs. input voltage
(OFF characteristics)
VCC
=−5V
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(V)
1k
500
200
100
50
20
10
5
2
1
VO
=−5V
−100µ−200µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(V)
−1
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
IO/II
=20
−1m
−10m
−100m
−100µ−200µ−500µ−2m
−5m
−20m −50m
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com