| Electronic Components Datasheet Search |
|
A7 Marking, FMA7A Datasheet(PDF) 1 Page - Rohm |
|
||||||||||||||||||||||||||||||
FMA7A Datasheet(HTML) 1 Page - Rohm |
|
1 / 3 page ![]() EMA7 / UMA7N / FMA7A Transistors Rev.A 1/2 Emitter common (dual digital transistors) EMA7 / UMA7N / FMA7A Features 1) Two DTA143X chips in a EMT or UMT or SMT package. Equivalent circuit EMA7 / UMA7N R1 R2 R2 R1 R1 R2 R2 R1 (1) (3) (4) (5) (2) (4) (3) (2) (1) (5) FMA7A Package, marking, and packaging specifications Type EMA7 EMT5 A7 T2R 8000 UMA7N UMT5 A7 TR 3000 FMA7A SMT5 A7 T148 3000 Package Marking Code Basic ordering unit (pieces) Absolute maximum ratings (Ta = 25 °C) Parameter ∗1 120mW per element must not be exceeded. ∗2 200mW per element must not be exceeded. Symbol VCC VIN IO Pd Tj Tstg Limits −50 −20 7 −100 300(TOTAL) 150(TOTAL) FMA7A EMA7 / UMA7N 150 −55 to +150 Unit V V mA mW ∗ 1 ∗2 °C °C Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature External dimensions (Unit : mm) Each lead has same dimensions ROHM : EMT5 EMA7 UMA7N Each lead has same dimensions 0.1Min. 2.1 1.25 ROHM : UMT5 EIAJ : SC-88A FMA7A Each lead has same dimensions 0.3to0.6 1.6 2.8 ROHM : SMT5 EIAJ : SC-74A 1.2 1.6 (1) (2) (3) (5) (4) |
Similar Description - FMA7A |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |