| Electronic Components Datasheet Search |
|
JCS18N50FH Marking, JCS18N50FH-R-F-N-B Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD. |
|
||||||||||||||||||||||||||||||
JCS18N50FH-R-F-N-B Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD. |
|
5 / 8 page ![]() R JCS18N50FH 版本:201510D 5/8 特征曲线 ELECTRICAL CHARACTERISTICS (curves) On-Region Characteristics Transfer Characteristics On-Resistance Variation vs Drain Current and Gate Voltage Body Diode Forward Voltage Variation vs. Source Current and Temperature Capacitance Characteristics Capacitance Characteristics 10 0 10 1 10 0 10 1 10 2 V DS Drain-Source Voltage[V] Top 15.0V 10.0V 9.0V 8.0V 7.0V 6.5V 6.0V Bottom 5.5V 2 4 6 8 10 12 10 0 10 1 10 2 -55℃ 25℃ V GS Gate-Source Voltage[V] 125℃ Note: 1.VDS=40V 2.250μs Pulse Test 10 0 10 1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 25℃ 150℃ V SD Source-Drain voltage[V] Note: 1.VGS=0V 2.250μs Pulse Test 0 2 4 6 8 10 12 0 5 10 15 20 25 30 35 40 45 50 55 60 V DS=400V V DS=250V V DS=100V Q g Toltal Gate Charge [nC] 0 2 4 6 8 10 12 14 16 18 20 22 0.0 0.1 0.2 0.3 0.4 0.5 Note :T j=25 ℃ V GS= 10V V GS= 20V I D [A] |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |