Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HNSD20TGAC Datasheet(PDF) 8 Page - Inolux Corporation

Part # HNSD20TGAC
Description  Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD20TGAC Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HNSD20TGAC Datasheet HTML 4Page - Inolux Corporation HNSD20TGAC Datasheet HTML 5Page - Inolux Corporation HNSD20TGAC Datasheet HTML 6Page - Inolux Corporation HNSD20TGAC Datasheet HTML 7Page - Inolux Corporation HNSD20TGAC Datasheet HTML 8Page - Inolux Corporation HNSD20TGAC Datasheet HTML 9Page - Inolux Corporation HNSD20TGAC Datasheet HTML 10Page - Inolux Corporation HNSD20TGAC Datasheet HTML 11Page - Inolux Corporation HNSD20TGAC Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
0.2” Dual Digit
Numeric SMD Display
HNSD20 Series
Official Product
HNSD20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 13, 2013
Version of 1.0
Page
8/18
Electrical and Optical Characteristic
(Ta= 25°C )
Product
Emission
Color
IF (mA)
VF (V)
λ (nm)
IV (mcd)
IR (µA)
Typ.
Max.
λd
Δλ
Typ.
Max
HNSD20UBA/
HNSD20UBC
Blue
20
3.2
4.0
470
30
20
10
(VR=8V)
HNSD20TGA/
HNSD20TGC
True
Green
20
3.2
4.0
525
30
50
10
(VR=8V)
HNSD20UYGA/
HNSD20UYGC
Yellow
Green
20
2.1
2.6
570
20
6.0
10
(VR=5V)
HNSD20UYA/
HNSD20UYC
Yellow
20
2.0
2.6
590
20
12
10
(VR=5V)
HNSD20UAA/
HNSD20UAC
Amber
20
2.0
2.6
610
20
12
10
(VR=5V)
HNSD20URA/
HNSD20URC
Hyper
Red
20
2.0
2.6
625
20
12
10
(VR=5V)
HNSD20USRA/
HNSD20USRC
Super
Red
20
2.0
2.6
640
20
2
10
(VR=5V)
Luminous Intensity tolerance = +/- 15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com