Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI7710 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI7710
Description  Single-chip, low-cost high definition set-top box decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7710 Datasheet(HTML) 2 Page - STMicroelectronics

  STI7710 Datasheet HTML 1Page - STMicroelectronics STI7710 Datasheet HTML 2Page - STMicroelectronics STI7710 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STI7710
2/3
FEATURES
Enhanced ST20 32-bit VL-RISC CPU
– 200 MHz, 8-Kbyte Icache, 8-Kbyte Dcache
and 4-Kbyte SRAM
Unified memory interface
Dual transport stream merger
– Supports DVB, DIRECTV®, and DCII
– Integrates DES-ECB, DES-CBC, DVB,
ICAM, XTV, Multi2 and Fast-I descramblers
– NDS random access scrambled stream
protocol (RASP) compliant
– Low-cost DVB-CI and Cable Card support
MPEG2 MP@ML video decoder
– Trick modes including smooth fast-forward
and rewind
Video encoder
– Single multi format HD display
– Supports 1080I, 720P, 480P and 480I
resolution
– Analog RGB or YPbPr HD output
– HDMI encoding
– Digital video HD output
– Single SD display
– Analog YPbPr, CVBS and Y/C SD output
Copy protection
– HDMI / HDCP copy protection hardware
– Macrovision™ copy protection for 480I and
480P output
Audio
– MPEG-1 layer I/II, MP3, MPEG-2 layer II,
MPEG-2 AAC and AC3 Dolby® Digital
decoding
– Dolby Pro Logic® compatible output
– PCM input, mixing and sample rate
conversion
– SRS® TruSurround XT™ virtual surround
sound
– Simultaneous MPEG audio decode and
output of Dolby streams.
Graphics/On Screen Display
– Dual-source blitter engine
– Alpha blending and raster operation
– Colour space and format conversion
– High quality scaling with high quality filters
– Gamma compositor
– 2 graphics display planes
– Hardware cursor
– Comprehensive resizing and format
conversions
On-chip peripherals
–ASCs (UARTs)
– Parallel 8-bit I/O banks
– Smartcard interfaces and clock generators
– SSCs for I²C/SPI master/slave interfaces
– Silicon Labs line side (DAA) interface
– USB 1.1/2.0 host, OHCI/EHCI compliant
– DiSEqC interface
Enhanced security
PART NUMBERING
Table 1. Order Codes
Part Number
Description
STi7710
Reference design
STi7710-Mboard
STi7710 development platform
ST7710-STDVB
STi7710 reference software



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com