Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2BL1004 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2BL1004
Description  50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2BL1004 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2BL1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2BL1004 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/14/2014
Plotted and Other Data
Notes:
Typical Performance Data
-40
-35
-30
-25
-20
-15
-10
-5
0
100
150
200
250
300
350
400
450
500
0 dB
100 MHz
Return Loss and Insertion Loss
Return Loss
Insertion Loss
(J2+J3)
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
100
150
200
250
300
350
400
450
500
-1 dB
100 MHZ
Amplitude Balance
J2
J3
PE2BL1004 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
PE2BL1004
Baluns Technical Data Sheet
PE2BL1004
50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz
Up to 100 Watts Surface Mount(SMT)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com