Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6823 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6823
Description  5-Pin Supervisor with Watchdog Timer and Push-button Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6823 Datasheet HTML 3Page - STMicroelectronics STM6823 Datasheet HTML 4Page - STMicroelectronics STM6823 Datasheet HTML 5Page - STMicroelectronics STM6823 Datasheet HTML 6Page - STMicroelectronics STM6823 Datasheet HTML 7Page - STMicroelectronics STM6823 Datasheet HTML 8Page - STMicroelectronics STM6823 Datasheet HTML 9Page - STMicroelectronics STM6823 Datasheet HTML 10Page - STMicroelectronics STM6823 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
STM6321/6322/6821/6822/6823/6824/6825
OPERATION
Reset Output
The STM6xxx Supervisor asserts a reset signal to
the MCU whenever VCC goes below the reset
threshold (VRST), a watchdog time-out occurs, or
when the Push-button Reset Input (MR) is taken
low. Reset is guaranteed valid for VCC < VRST
down to VCC =1V for TA = 0°C to 85°C.
During power-up, once VCC exceeds the reset
threshold an internal timer keeps reset low for the
reset time-out period, trec. After this interval reset
is de-asserted.
Each time RST is asserted, it stays low for at least
the reset time-out period (trec). Any time VCC goes
below the reset threshold the internal timer clears.
The reset timer starts when VCC returns above the
reset threshold.
Open Drain RST Output
The STM6321/6322/6822 have an active-low,
open drain reset output. This output structure will
sink current when RST is asserted. Connect a pull-
up resistor from RST to any supply voltage up to
6V (see Figure 8.). Select a resistor value large
enough to register a logic low, and small enough
to register a logic high while supplying all input cur-
rent and leakage paths connected to the reset out-
put line. A 10k
Ω pull-up resistor is sufficient in
most applications.
Figure 8. STM6321/6322/6822 Open Drain RST
Output with Multiple Supplies
Note: 1. STM6322/6822
2. STM6321/6822
3. STM6321/6322
Push-button Reset Input (STM6322/6821/6822/
6823/6825)
A logic low on MR asserts reset. Reset remains
asserted while MR is low, and for trec (see Figure
22., page 15) after it returns high. The MR input
has an internal 52k
Ω pull-up resistor, allowing it to
be left open if not used. This input can be driven
with TTL/CMOS-logic levels or with open-drain/
collector outputs. Connect a normally open mo-
mentary switch from MR to GND to create a man-
ual reset function; external debounce circuitry is
not required. If MR is driven from long cables or
the device is used in a noisy environment, connect
a 0.1µF capacitor from MR to GND to provide ad-
ditional noise immunity. MR may float, or be tied to
VCC when not used.
Watchdog Input (STM6321/6821/6822/6823/
6824)
The watchdog timer can be used to detect an out-
of-control MCU. If the MCU does not toggle the
Watchdog Input (WDI) within tWD (1.6sec), the re-
set is asserted. The internal watchdog timer is
cleared by either:
1.
a reset pulse, or
2.
by toggling WDI (high-to-low or low-to-high),
which can detect pulses as short as 50ns.
The timer remains cleared and does not count for
as long as reset is asserted. As soon as reset is re-
leased, the timer starts counting.
Note: The watchdog function may be disabled by
floating WDI or tri-stating the driver connected to
WDI. When tri-stated or disconnected, the maxi-
mum allowable leakage current is 10uA and the
maximum allowable load capacitance is 200pF.
Applications Information
Watchdog Input Current. The WDI input is inter-
nally driven through a buffer and series resistor
from the watchdog counter. For minimum watch-
dog input current (minimum overall power con-
sumption), leave WDI low for the majority of the
watchdog time-out period. When high, WDI can
draw as much as 160µA. Pulsing WDI high at a
low duty cycle will reduce the effect of the large in-
put current. When WDI is left unconnected, the
watchdog timer is serviced within the watchdog
time-out period by a low-high-low pulse from the
counter chain.
AI09137
STM6XXX
RST
MR
(1)
WDI
(2)
RST
(3)
GND
10k
VCC
5V System
5.0V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com